Part Number Hot Search : 
01M160 2700096 BAY54 ST72141 IS25C E36CA TPS85107 NTE5213A
Product Description
Full Text Search
 

To Download SML400HB01MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  source-drain voltage v dss tj=25c to 175c rgs=1m ? v dss 100 v dc collector current i d25 tc=25c tc=25c,tvj=175c i c , nom ic 400 400 a repetitive peak drain current tp=1msec,tc=80c i crm 600 a total power dissipation tc=25c p tot 1700 w gate-emitter peak voltage continuous transient v gs +/-20 =/-30 v v repetitive peak forward current tp=1msec i frm 600 a isolation voltage rms, 50hz, t=1min v isol 2500 v attributes: -aerospace build standard -high reliability -lightweight -metal matrix base plate -aln isolation -mosfet module maximum rated values/electrical properties SML400HB01MF drain-source breakdown voltage i d =250a,v gs =0v, tc=25c bv dss 100 v gate threshold voltage i d =8ma,v ds =v gs , tvj=25c vge (th) 3.0 5 v f=1mhz,tvj=25c,vgs=0v,v ds =0v 15200 5800 1720 pf pf pf 470 100 270 nc nc nc gate-source leakage current v gs =+/-20v, v gs =0v,tvj=25c i gss 1 +/-200 na drain source leakage current v ds =v gs =20v, tvj=25c tvj=150c tvj=175c i dss 25 1 5 a ma ma tvj=25c,v ds =0.5v dss ,id=0.5i d25, v gs =10v min typ max
gfs vgs=10v, i d =0.5i d25 60 97 s ic=120a,v ds =0.5vdss,v gs =10 v rge=3.3 ? ,l=30nh tvj=25c 50 60 150 90 ns ns ns ns stray module inductance l ce 30 nh terminal-chip resistance r c 1.0 m ? dc forward diode current is t c =25c v gs =0v i s 400 a peak reverse recovery current if=50a, -di/dt=100a/sec v r =50v,vgs=0v,tvj=25c a recovered charge if=50a, -di/dt=100a/sec vr=50v,vgs=0v,tvj=25c qrm c 12 0.8 repetitive forward current ism 800 a reverse recovery time if=50a, -di/dt=100a/sec vr=50v,vgs=0v,tvj=25c trr 300 ns i f =i s , v gs =0v t p =300sec, duty cycle=2% v sd 1.5 v i rm source ?drain diode characteristics typ max
thermal resistance junction to case igbt diode r j-c 0.09 0.11 k/w thermal resistance case to heatsink r c-hs 0.03 k/w maximum junction temperature tvj 175 c maximum operating temperature top -55 175 c storage temperature tstg -55 175 c thermal properties min typ max 400 300 200 100 0
400 200 0 300 150

160a 600
700a
20 200nf
circuit diagram


▲Up To Search▲   

 
Price & Availability of SML400HB01MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X